Part Number Hot Search : 
063EB OPB780Z RT8268 43ECA 3111Q351 AF100703 NCV7001 14D470K
Product Description
Full Text Search
 

To Download VTC2J2DE-10M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VTC2 series
Voltage Controlled Temperature Compensated Crystal Oscillator
Features
* CMOS Square Wave Output * Enable Disable Feature * Output Frequencies to 30 MHz * Fundamental Crystal Design * Optional VCXO function available * Gold over nickel contact pads
* Hermetically Sealed Ceramic SMD package
The VTC2, VCTXCO
* Product is compliant to RoHS directive and fully compatible with lead free assembly
Applications
* FPGA's * A/D's * DSL Head End * Wireless Communications * Base Stations
* Point to point radios * Broadband Access * Test Equipment
Description
Vectron's VTC2 Temperature Compensated Crystal Oscillator (TCXO) is a quartz stabilized, CMOS squarewave, temperature compensated oscillator, operating off either 2.8, 3.0, 3.3 or 5.0 volt supply.
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VTC2 Data sheet Performance Characteristics
Table 1. Electrical Performance Parameter Frequency Supply Voltage Maximum Supply Voltage Supply Current, +3.3V Output Level 2 Logic High Logic Low Drive High Drive Low Output Load Duty Cycle, @ 50% Control Voltage Impedance Control Voltage to reach pull Pull Range Ordering option, see last page Temperature Stability Ordering option, see last page. Initial Accuracy, "No Adjust" option Power Supply Stability Load Stability Aging Enable/Disable3 Output Active Output Disabled Operating temperature Ordering option, see last page Phase Noise, 12.800MHz 10 Hz offset 100 Hz offset 1 kHz offset 10 kHz offset 100 kHz offset Start-up time Symbol fO Min Typical Maximum 10.000 30.000 3.3V10% or +5V 5% 6 10.0 0.9*VDD 0.1*VDD -4 4 15pf 45/55 ZVc TPR 100 0.5 5, 8 0.5 to 5.0 1.0 0.3 0.2 1.0 0.8*VDD 0.2*VDD 0/55, -10/60, -20/70, -30/80, -40/85 C dBc/Hz -93 -123 -147 -155 -158 2 ms 2.5 % Kohm V ppm ppm ppm ppm ppm ppm/year V Units MHz VDC VDC mA V V mA mA
IDD VOH VOL IOH IOL
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended. 2. Output is DC coupled. 3. Output is active if E/D is open.
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VTC2 Data sheet
VCXO Functional Description
VCXO Feature: The VTC2 can be ordered with a VCXO function for applications were it will be used in a PLL, or the output frequency needs fine tune adjustments. This is high impedance, 1 Mohm, input and can be driven with an op-amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on the VCXO optional devices. "No Adjust" Feature: In applications were the VTC2 will be not be used in a PLL, or the output frequency does not fine tune adjustments, the best device to use would be a VTC2-x0xxx. By using the "no adjust" option, the circuit is simplified as Vc does not need to adjusted or set to a predetermined voltage and pin 1 should be grounded or left open (but not set to a voltage such as the supply).
Outline Diagrams, Pad Layout and Pin Out
Table 2. Pinout Pin # Function Pin # Function 1 No Connect (VTC2-x0xx) 10 Supply Voltage or VCXO Control Voltage 2 Make No Connection 9 Enable/Disable 3 Make No Connection 8 Make No Connection 4 Make No Connection 7 Make No Connection 5 Electrical Ground 6 Output Frequency NOTE: Additional pads are used to program and adjust the TCXO during manufacturing and should be left open; do not terminate these to the supply voltage.
Contact Pads are gold over nickel Figure 2, Package drawing
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VTC2 Data sheet
Tape and Reel
Table 3. Tape and Reel Dimensions (mm)
Tape Dimensions Product A
VTC2
16
B
7.5
C
1.5
D
4
E
8
Reel Dimensions F G H
1.5 20.2 13
I
60
J
2
K
16.4
L
180
# Per Reel
1000
J F D A E C G B L I
H
K
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Table 4. Absolute Maximum Ratings Parameter Symbol Storage Temperature Tstorage Ratings -55/125 Unit C
Reliability
The VTC2 qualification tests have included: Table 5. Environnemental Compliance Parameter Mechanical Shock Mechanical Vibration Temperature Cycle Solderability Gross and Fine Leak Resistance to Solvents Moisture Sensitivity Level Contact Pads Conditions MIL-STD-883 Method 2002 MIL-STD-883 Method 2007 MIL-STD-883 Method 1010 MIL-STD-883 Method 2003 MIL-STD-883 Method 1014 MIL-STD-883 Method 2015 1 Gold over Nickel
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VTC2 Data Sheet
Handling Precautions
Although ESD protection circuitry has been designed into the the VTC2, proper precautions should be taken when handling and mounting. VI employs a Human Body Model and a Charged-Device Model (CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry wide standard has been adopted for the CDM, a standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and therefore can be used for comparison purposes.
Table 6. ESD Ratings Model Human Body Model Charged Device Model
Minimum 1500 1000
Conditions MIL-STD-883 Method 3115 JESD 22-C101
Suggested IR profile
Devices are built using lead free epoxy and can also be subjected to standard lead free IR reflow conditions, Table 7 shows max temperatures and lower temperatures can also be used e.g. peak temperature of 220C. Table 7. Reflow Profile (IPC/JEDEC J-STD-020B) Parameter Symbol PreHeat Time tS Ramp Up R UP Time Above 217 C Time To Peak Temperature Time At 260 oC (max) Time At 240 C (max) Ramp Down
o
Value 150 sec Min, 200 sec Max 3 oC/sec Max 60 sec Min, 150 sec Max 480 sec Max 10 sec Max 60 sec Max 6 oC/sec Max
tL t AMB-P tP tp2 R DN
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
5
e-mail vectron@vectron.com
VTC2 Data Sheet
Ordering Information
Table 8. Standard Frequency List 10.000 12.800 16.000 26.000 27.000 18.000 19.200 20.000 24.000 25.000
VTC2 Product Family TCXO, 5x7 Voltage Options H: +5.0 Vdc 5%, CMOS Output J: +3.3 Vdc 10%, CMOS Output
J
0
2
C
-
10M000
Output Frequency In MHz Temperature Options A: 0 to 55C B: -10 to 60C C: -20 to 70C
Pulling Range 0: Fixed TCXO, no adjust 1: 5ppm 2: 8ppm
D: -30 to 80C E: -40 to 85C
Stability Options A: 0.5ppm 1: 1.0ppm B: 1.5ppm 2: 2.0ppm C: 2.5ppm 3: 3.0 ppm
Note: Not all combinations are available: 0.5 ppm is available over 0 to 55 C only 1.0 ppm to 5.0 ppm is available on all temperature ranges
D: 3.5ppm 4: 4.0ppm 5: 5.0ppm
www.vectron.com
USA: Vectron International * 267 Lowell Road, Hudson, NH 03051 For Additional Information, Please Contact: * Tel: 1-88-VECTRON-1 * Fax: 1-888-FAX-VECTRON EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany * Tel: 49 (0) 7268 8010 * Fax: 49 (0) 7268 801281 ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd., WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131 *Tel: 8621 50480777 * Fax: 8621 50481881
March 26, 2007
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
6
e-mail vectron@vectron.com


▲Up To Search▲   

 
Price & Availability of VTC2J2DE-10M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X